Part Number Hot Search : 
20VT1 20012 120SI 24SO2 AR770 2SC57 BAS21T KSA642
Product Description
Full Text Search
 

To Download IN74AC161 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Presettable Counter
High-Speed Silicon-Gate CMOS
The IN74AC161 is identical in pinout to the LS/ALS161, HC/HCT161. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs. The IN74AC161 is programmable 4-bit synchronous modulo-16 counter that feature parallel Load, asynchronous Reset, a Carry Output for cascading and count-enable controls. The IN74AC161 is binary counter with asynchronous Reset. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A; 0.1 A @ 25 C * High Noise Immunity Characteristic of CMOS Devices * Outputs Source/Sink 24 mA
IN74AC161
ORDERING INFORMATION IN74AC161N Plastic IN74AC161D SOIC TA = -40 to 85 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
Outputs
PIN 16 =VCC PIN 8 = GND Inputs Reset L H H H H H Load X L H H H X Enable P X X X L H X
FUNCTION TABLE
Outputs Enable T X X L X H X Clock X Q0 L P0 Q1 L P1 Q2 L P2 Q3 L P3 Function Reset to "0" Preset Data No count No count Count No count
No change No change Count up No change
X=don't care P0,P1,P2,P3 = logic level of Data inputs Ripple Carry Out = Enable T * Q0 * Q1 * Q2 * Q3
Rev. 00
IN74AC161
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TJ TA IOH IOL tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Junction Temperature (PDIP) Operating Temperature, All Package Types Output Current - High Output Current - Low Input Rise and Fall Time (except Schmitt Inputs)
*
Min 2.0 0 -40
Max 6.0 VCC 140 +85 -24 24
Unit V V C C mA mA ns/V
VCC =3.0 V VCC =4.5 V VCC =5.5 V
0 0 0
150 40 25
*
VIN from 30% to 70% VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Rev. 00
IN74AC161
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage Test Conditions VOUT=0.1 V or VCC-0.1 V V 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 5.5 5.5 5.5 5.5 8.0 Guaranteed Limits 25 C 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 -40C to 85C 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1.0 75 -75 8.0 A mA mA A V Unit V
VIL
VOUT= VCC-0.1 V or 0.1 V
V
VOH
IOUT -50 A
V
VIN=VIH or VIL IOH=-12 mA IOH=-24 mA IOH=-24 mA VOL Maximum LowLevel Output Voltage IOUT 50 A
*
VIN=VIH or VIL IOL=12 mA IOL=24 mA IOL=24 mA IIN IOLD IOHD ICC Maximum Input Leakage Current +Minimum Dynamic Output Current +Minimum Dynamic Output Current Maximum Quiescent Supply Current (per Package) VIN=VCC or GND VOLD=1.65 V Max VOHD=3.85 V Min VIN=VCC or GND
*
*
All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time. Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC
Rev. 00
IN74AC161
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC* Symbol Parameter V Guaranteed Limits 25 C Min fmax tPLH tPHL tPLH tPHL tPLH tPHL tPHL tPHL CIN Maximum Clock Frequency (Figure 1) Propagation Delay, Clock to Q (Figure 1) Propagation Delay, Clock to Q (Figure 1) Propagation Delay, Clock to Ripple Carry Out (Figure 1) Propagation Delay, Clock to Ripple Carry Out (Figure 1) Propagation Delay, Enable T to Ripple Carry Out (Figure 3) Propagation Delay, Enable T to Ripple Carry Out (Figure 3) Propagation Delay, Reset to Q (Figure 2) Propagation Delay, Reset to Ripple Carry Out (Figure 2) Maximum Input Capacitance 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 5.0 70 110 2.0 1.5 1.5 1.5 3.0 2.0 3.5 2.0 2.0 1.5 2.5 2.0 2.0 1.5 3.5 2.5 4.5 12.0 9.0 12.0 9.5 15.0 10.5 14.0 11.0 9.5 6.5 11.0 8.5 12.0 9.5 15.0 13.0 Max -40C to 85C Min 60 95 1.5 1.0 1.5 1.5 2.5 1.5 2.5 2.0 1.5 1.0 2.0 1.5 1.5 1.5 3.0 2.5 4.5 13.5 9.5 13.0 10.0 16.5 11.5 15.5 11.5 11.0 7.5 12.5 9.5 13.5 10.0 17.5 13.5 Max MHz ns ns ns ns ns ns ns ns pF Unit
Typical @25C,VCC=5.0 V CPD
*
Power Dissipation Capacitance
45
pF
Voltage Range 3.3 V is 3.3 V 0.3 V Voltage Range 5.0 V is 5.0 V 0.5 V
Rev. 00
IN74AC161
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=3.0 ns)
VCC* Symbol tsu th tsu th tsu th tw tw tw trec
*
Guaranteed Limit +25 C 13.5 8.5 -1.0 0 11.5 7.5 0 0.5 6.0 4.5 0 0 3.5 2.5 4.0 3.0 5.5 4.5 -0.5 0 -40 C to +85 C 16.0 10.5 -0.5 0 14.0 8.5 0 1.0 7.0 5.0 0 0.5 4.0 3.0 4.5 3.5 7.5 6.0 0 0.5 Unit ns ns ns ns ns ns ns ns ns ns
Parameter Minimum Setup Time, Preset Data Inputs to Clock (Figure 4) Minimum Hold Time, Clock to Preset Data Inputs (Figure 4) Minimum Setup Time,Load to Clock (Figure 4) Minimum Hold Time, Clock to Load (Figure 4) Minimum Setup Time, Enable T or Enable P to Clock (Figure 5) Minimum Hold Time, Clock to Enable T or Enable P (Figure 5) Minimum Pulse Width, Clock (Load) (Figure 1) Minimum Pulse Width, Clock (Count)(Figure 1) Minimum Pulse Width, Reset (Figure 2) Minimum Recovery Time, Reset to Clock (Figure 2)
V 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Voltage Range 3.3 V is 3.3 V 0.3 V Voltage Range 5.0 V is 5.0 V 0.5 V
Rev. 00
IN74AC161
Figure 1. Switching Waveform
Figure 2. Switching Waveform
Figure 3. Switching Waveform
Figure 4. Switching Waveform
Figure 5. Switching Waveform
Rev. 00
IN74AC161
Sequence illustrated in waveforms: 1. Reset outputs to zero. 2. Preset to binary twelve. 3. Count to thirteen, fourteen, fifteen, zero, one, and two. 4. Inhibit.
Figure 8. Timing Diagram
Rev. 00
IN74AC161
EXPANDED LOGIC DIARAM
Rev. 00
IN74AC161
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B
Symbol A
MIN 18.67 6.1
MAX 19.69 7.11 5.33
1
8
B C
F L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74AC161

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X